PART |
Description |
Maker |
74HC373 74HCT373 74HCT373D 74HC373D 74HC373PW 74HC |
Octal D-type transparent latch;3-state(D透明锁存器;三态;) 八路D型透明锁存器,3态(透明锁存器,三 Octal D-type transparent latch 3-state Octal D-type transparent latch;
3-state From old datasheet system 74HC/HCT373; Octal D-type transparent latch; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT573 74ABT573CMSA 74ABT573CMTC 74ABT573CPC 74A |
8-Bit D-Type Latch 8位D型锁存器 825MHz to 915MHz, SiGe High-Linearity Active Mixer Octal D-Type Latch with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor, Corp.
|
100343PC 100343QC 100343QI 100343 100343QIX 100343 |
Low Power 8-Bit Latch From old datasheet system 8-Bit D-Type Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74V1T77 74V1T77STR 74V1T77CTR |
74V SERIES, HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDSO5 SINGLE D-TYPE LATCH
|
STMICROELECTRONICS ST Microelectronics
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
74ALVCH16373 74ALVCH16373_3 ACH16373DL 74ALVCH1637 |
2.5 V / 3.3 V 16-bit D-type transparent latch (3-State) From old datasheet system 2.5V/3.3V 16-bit D-type transparent latch 3-State 2.5V/3.3V 16-bit D-type transparent latch(3-State)(2.5V/3.3V 16D透明锁存器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IDT74FCT3533SO IDT74FCT3533P IDT74FCT3533AP |
8-Bit D-Type Latch 8D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Electronic Theatre Controls, Inc. Coilcraft, Inc. Integrated Device Technology, Inc.
|
74ABT16373 74ABT16373CMTD 74ABT16373CSSC 74ABT1637 |
8-Bit D-Type Latch 16-Bit Transparent D-Type Latch with 3-STATE Outputs From old datasheet system 16-Bit Transparent Latch with 3-STATE Outputs
|
锁存 Fairchild Semiconductor
|
74VHCT373A 74VHCT373ASJX 74VHCT373M 74VHCT373AMTCX |
Supervisor w/5K Pull-Up Active Low, -40C to 85C, 3-TO-92, BAG From old datasheet system Octal D-Type Latch with 3-STATE Outputs Supervisor w/5K Pull-Up Active Low, -40C to 85C, 8-SOIC 150mil, TUBE 8-Bit D-Type Latch
|
Fairchild Semiconductor
|
MM74HCT574 MM74HCT573 MM74HCT573MTC MM74HCT573N MM |
Octal D-Type Latch • 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH16841 ACH16841DGG 74ALVCH16841DGG 74ALVCH16 |
20-bit bus interface D-type latch 3-State 20位总线接口,D型锁存器三 20-bit bus interface D-type latch (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|